Part Number Hot Search : 
LB1263AR N7002 16008 4ADR2 27C64 ADF7242 C8248 150ML
Product Description
Full Text Search
 

To Download UPD17P236M4GT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet 2000 mos integrated circuit m pd17p236 the m pd17p236 is a model of the m pd17236 with a one-time prom instead of an internal mask rom. since the user can write programs to the m pd17p236, it is ideal for experimental production or small-scale production of the m pd17230, 17231, 17232, 17233, 17234, 17235, or 17236 systems. when reading this document, also read the documents related to the m pd17230, 17231, 17232, 17233, 17234, 17235, and 17236. detailed functions are described in the following user's manual. read this manual when designing your system. m pd172 series user's manual: u12795e features ? pin compatible with m pd17230, 17231, 17232, 17233, 17234, 17235, and 17236 (except prom programming function) ? carrier generator circuit for infrared remote controller (rem output) ? 17k architecture: general-purpose register method ? program memory (one-time prom): 32 kbytes (16,384 16) ? data memory (ram): 223 4 bits ? low-voltage detection circuit ? input/output of p1a 0 pin, clock selection for carrier generation m pd17p236m1 m pd17p236m2 m pd17p236m3 m pd17p236m4 input/output of p1a 0 pin output input output input clock (rf x ) selection for carrier generation rf x = f x /2 rf x = f x ? supply voltage: v dd = 2.2 to 3.6 v (f x = 4 mhz: high-speed mode, 4 m s) v dd = 3.0 to 3.6 v (f x = 8 mhz: high-speed mode, 2 m s) applications preset remote controllers, toys, and portable systems document no. u14776ej1v0ds00 (1st edition) date published june 2000 j cp(k) printed in japan 4-bit single-chip microcontroller for small general-purpose infrared remote controller the information in this document is subject to change without notice. before using this document, please confirm that this is the latest version. not all devices/types available in every country. please check with local nec representative for availability and additional information.
m pd17p236 2 data sheet u14776ej1v0ds00 ordering information part number package m pd17p236m1gt 28-pin plastic sop (9.53 mm (375)) m pd17p236m1mc-5a4 30-pin plastic ssop (7.62 mm (300)) m pd17p236m2gt 28-pin plastic sop (9.53 mm (375)) m pd17p236m2mc-5a4 30-pin plastic ssop (7.62 mm (300)) m pd17p236m3gt 28-pin plastic sop (9.53 mm (375)) m pd17p236m3mc-5a4 30-pin plastic ssop (7.62 mm (300)) m pd17p236m4gt 28-pin plastic sop (9.53 mm (375)) m pd17p236m4mc-5a4 30-pin plastic ssop (7.62 mm (300)) pin configuration (top view) (1) normal operation mode ? 28-pin plastic sop (9.53 mm (375)) m pd17p236m1gt, 17p236m2gt, 17p236m3gt, 17p236m4gt p0d 2 p0d 3 int p0e 0 p0e 1 p0e 2 p0e 3 rem v dd x out x in gnd reset p1a 0 p0d 1 p0d 0 p0c 3 p0c 2 p0c 1 p0c 0 p0b 3 p0b 2 p0b 1 p0b 0 p0a 3 p0a 2 p0a 1 p0a 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15
m pd17p236 3 data sheet u14776ej1v0ds00 ? 30-pin plastic ssop (7.62 mm (300)) m pd17p236m1mc-5a4, 17p236m2mc-5a4, 17p236m3mc-5a4, 17p236m4mc-5a4 p0d 2 p0d 3 int p0e 0 p0e 1 p0e 2 p0e 3 rem v dd x out x in gnd reset p1a 0 ic1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 ic2 p0d 1 p0d 0 p0c 3 p0c 2 p0c 1 p0c 0 p0b 3 p0b 2 p0b 1 p0b 0 p0a 3 p0a 2 p0a 1 p0a 0 gnd : ground ic1, ic2 : internally connected note 1 int : external interrupt request signal input p0a 0 -p0a 3 : input port (cmos input) p0b 0 -p0b 3 : input/output port (cmos input/n-ch open-drain output) p0c 0 -p0c 3 : input/output port (cmos input/n-ch open-drain output) p0d 0 -p0d 3 : input/output port (cmos input/n-ch open-drain output) p0e 0 -p0e 3 : input/output port (cmos push-pull output) p1a 0 : input port (cmos input) or output port (n-ch open-drain output) note 2 rem : remote controller output (cmos push-pull output) reset : reset input v dd : power supply x in , x out : resonator connection notes 1. this pin cannot be used. leave open. 2. input port or output port is selected depending on the product (see 2. pin functions ).
m pd17p236 4 data sheet u14776ej1v0ds00 (2) prom programming mode ? 28-pin plastic sop (9.53 mm (375)) m pd17p236m1gt, 17p236m2gt, 17p236m3gt, 17p236m4gt d 2 d 3 d 1 d 0 d 7 d 6 d 5 d 4 md 3 md 2 md 1 md 0 v pp (open) v dd (open) clk gnd (l) (l) (l) (open) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15
m pd17p236 5 data sheet u14776ej1v0ds00 ? 30-pin plastic ssop (7.62 mm (300)) m pd17p236m1mc-5a4, 17p236m2mc-5a4, 17p236m3mc-5a4, 17p236m4mc-5a4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 d 2 d 3 v pp (open) v dd (open) clk gnd (l) (open) (open) (open) d 1 d 0 d 7 d 6 d 5 d 4 md 3 md 2 md 1 md 0 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 (l) (l) caution contents in parentheses indicate how to handle unused pins in prom programming mode. l : connect to gnd via a resistor (470 w ) separately. open : leave unconnected. clk : clock input for prom d 0 -d 7 : data input/output for prom gnd : ground md 0 -md 3 : mode select input for prom v dd : power supply v pp : power supply for prom writing
m pd17p236 6 data sheet u14776ej1v0ds00 block diagram p0a 0 p0a 1 p0a 2 p0a 3 p0a p0b 0 (md 0 ) p0b 1 (md 1 ) p0b 2 (md 2 ) p0b 3 (md 3 ) p0b p0c 0 (d 4 ) p0c 1 (d 5 ) p0c 2 (d 6 ) p0c 3 (d 7 ) p0c p0d 0 (d 0 ) p0d 1 (d 1 ) p0d 2 (d 2 ) p0d 3 (d 3 ) p0d p0e 0 p0e 1 p0e 2 p0e 3 p0e p1a 0 note p1a rf system reg. alu osc cpu clock rem int (v pp ) v dd gnd x in (clk) x out instruction decoder power supply circuit remote control divider 8-bit timer interrupt controller reset reset controller program counter stack (5 levels) ram 223 4 bits one time prom 16,384 16 bits basic interval/ watchdog timer note input port or output port is selected depending on the product (see 2. pin functions ). remark ( ): during prom programming mode
m pd17p236 7 data sheet u14776ej1v0ds00 contents 1. differences between m pd17236 and m pd17p236 ........................................................... 8 2. pin functions ................................................................................................................ ........... 9 2.1 normal operation mode ....................................................................................................... ............. 9 2.2 prom programming mode ....................................................................................................... ........ 10 2.3 input/output circuits ....................................................................................................... .................. 11 2.4 processing of unused pins ................................................................................................... ........... 12 2.5 notes on using the reset and int pins ....................................................................................... .12 3. writing and verifying one-time prom (program memory) .................................... 13 3.1 operating mode when writing/verifying program memory .......................................................... 13 3.2 program memory writing procedure ............................................................................................ ... 14 3.3 program memory reading procedure ............................................................................................ .15 4. electrical specifications ................................................................................................. 16 5. package drawing .............................................................................................................. .... 23 6. recommended soldering conditions ............................................................................ 25 appendix. development tools ................................................................................................ 27
m pd17p236 8 data sheet u14776ej1v0ds00 1. differences between m pd17236 and m pd17p236 m pd17p236 is equipped with prom to which data can be written by the user instead of the internal mask rom (program memory) of the m pd17236. table 1-1 shows the differences between the m pd17236 and m pd17p236. the cpu functions and internal hardware of the m pd17p236, 17230, 17231, 17232, 17233, 17234, 17235, and 17236 are identical. therefore, the m pd17p236 can be used to evaluate the program developed for the m pd17230, 17231, 17232, 17233, 17234, 17235, and 17236 system. note, however, that some of the electrical specifications such as supply current and low-voltage detection voltage of the m pd17p236 are different from those of the m pd17230, 17231, 17232, 17233, 17234, 17235, and 17236. table 1-1. differences among m pd17236 and m pd17p236 product name m pd17p236 m pd17236 m pd17p236m1, 17p236m2, item 17p236m3, 17p236m4 program memory one-time prom mask rom 32 kbytes (16,384 16) (0000h-3fffh) data memory 223 4 bits input/output of p1a 0 pin ? input ( m pd17p236m2, 17p236m4) any (mask option) ? output ( m pd17p236m1, 17p236m3) clock (rf x ) selection for carrier ? rf x = f x /2 ( m pd17p236m1, 17p236m2) any (mask option) generation ? rf x = f x ( m pd17p236m3, 17p236m4) low-voltage detection circuit note provided any (mask option) instruction execution time ? 2 m s (v dd = 3.0 to 3.6 v) ? 2 m s (v dd = 2.2 to 3.6 v) ? 4 m s (v dd = 2.2 to 3.6 v) ? 4 m s (v dd = 2.0 to 3.6 v) supply voltage v dd = 2.2 to 3.6 v v dd = 2.0 to 3.6 v package ? 28-pin plastic sop (9.53 mm (375)) ? 30-pin plastic ssop (7.62 mm (300)) note although the circuit configuration is identical, its electrical characteristics differ depending on the product.
m pd17p236 9 data sheet u14776ej1v0ds00 2. pin functions 2.1 normal operation mode (1/2) pin no. symbol function output format at reset 27 (28) p0d 0 these pins constitute a 4-bit i/o port which can be set in the input n-ch low-level 28 (29) p0d 1 or output mode in 4-bit units (group i/o). open-drain output 1 (1) p0d 2 in the input mode, these pins serve as cmos input pins with a 2 (2) p0d 3 pull-up resistor, and can be used as key return input lines of a key matrix. the standby status must be released when at least one of the input lines goes low. in the output mode, these pins are used as n-ch open-drain output pins and can be used as the output lines of a key matrix. 3 (3) int external interrupt request signal. this signal releases the standby C input status if an external interrupt request signal is input to it when the int pin interrupt enable flag (ip) is set. 4 (4) p0e 0 these pins constitute a 4-bit i/o port that can be set in the input or cmos input 5 (5) p0e 1 output mode in 1-bit units. push-pull 6 (6) p0e 2 in the output mode, this port functions as a high current cmos 7 (7) p0e 3 output port. in the input mode, function as cmos input and can be specified to connect pull-up resistor by program. 8 (8) rem outputs transfer signal for infrared remote controller. cmos low-level active-high output. push-pull output 9 (9) v dd power supply C C 10 (10) x out connects ceramic resonator for system clock oscillation C (oscillation 11 (11) x in stops) 12 (12) gnd ground C C 13 (13) reset turns on pull down resistor if poc or watchdog timer overflows C input and if the stack pointer overflows or underflows, and resets the system. usually, the pull-down resistor is on. 14 (14) p1a 0 m pd17p136m1, this pin is 1-bit output port (n-ch open-drain n-ch high- m pd17p136m3 output) and can be used as the output lines of open-drain impedance a key matrix. output m pd17p136m2, this pin is 1-bit input port (cmos input). C input m pd17p136m4 however, it cannot release the stop mode. 15 (16) p0a 0 these pins are cmos input pins with a 4-bit pull-up resistor. C input 16 (17) p0a 1 they can be used as the key return input lines of a key matrix. 17 (18) p0a 2 if any one of these pins goes low, the standby status is released. 18 (19) p0a 3 19 (20) p0b 0 these pins constitute a 4-bit i/o port that can be set in the input or n-ch input 20 (21) p0b 1 output mode in 1-bit units. open-drain 21 (22) p0b 2 in the input mode, these pins are cmos input pins with a pull-up 22 (23) p0b 3 resistor, and can be used as the key return input lines of a key matrix. the standby status is released when at least one of these pins goes low. in the output mode, they serve as n-ch open-drain output pins and can be used as the output lines of a key matrix. remark the number in parenthesis in the pin no. column indicates the pin numbers of the 30-pin plastic ssop.
m pd17p236 10 data sheet u14776ej1v0ds00 2.1 normal operation mode (2/2) pin no. symbol function output format at reset 23 (24) p0c 0 these pins constitute a 4-bit i/o port that can be set in the input or n-ch low-level 24 (25) p0c 1 output mode in 4-bit units (group i/o). open-drain output 25 (26) p0c 2 in the input mode, these pins are cmos input pins with a pull-up 26 (27) p0c 3 resistor, and can be used as the key return input lines of a key matrix. the standby status is released when at least one of these pins goes low. in the output mode, they serve as n-ch open-drain output pins and can be used as the output lines of a key matrix. (15) ic1 these pins cannot be used. C C (30) ic2 leave open. remark the number in parenthesis in the pin no. column indicates the pin numbers of the 30-pin plastic ssop. 2.2 prom programming mode pin no. symbol function output format at reset 3v pp power supply for prom programming. C C apply +12.5 v to this pin as the program voltage when writing/ verifying program memory. 9v dd power supply. apply +6 v to this pin when writing/verifying C C program memory. 11 clk inputs clock for prom programming. C C 12 gnd ground. C C 19 (20) md 0 input pins used to select operation mode when prom is C input ?? programmed. 22 (23) md 3 23 (24) d 4 input/output 8-bit data for prom programming cmos input ?? push-pull 26 (27) d 7 27 (28) d 0 28 (29) d 1 1d 2 2d 3 remarks 1. the other pins are not used in the prom programming mode. how to handle the other opins are described in pin configuration (2) prom programming mode . 2. the number in parenthesis in the pin no. column indicates the pin numbers of the 30-pin plastic ssop.
m pd17p236 11 data sheet u14776ej1v0ds00 2.3 input/output circuits the equivalent input/output circuit for each m pd17p236 pin is shown below. (4) p1a input mode ( m pd17p236m2, 17p236m4) input buffer output mode ( m pd17p236m1, 17p236m3) data n-ch output latch (5) reset v dd p-ch reset input n-ch input buffer schmitt trigger input with hysteresis characteristics (6) int input buffer schmitt trigger input with hysteresis characteristics (7) rem data p-ch n-ch v dd output disable (1) p0a v dd input buffer (2) p0b, p0c, p0d v dd p-ch n-ch output latch selector data output disable input buffer (3) p0e v dd data data p-ch p-ch n-ch v dd input buffer output disable pull-up register output latch selector
m pd17p236 12 data sheet u14776ej1v0ds00 2.4 processing of unused pins process the unused pins as follows: table 2-1. processing of unused pins pin recommended connection p0a 0 -p0a 3 leave open. p0b 0 -p0b 3 p0c 0 -p0c 3 p0d 0 -p0d 3 p0e 0 -p0e 3 input : individually connect to v dd or gnd via resistor. output : leave open. p1a 0 connect to gnd. rem leave open. int connect to gnd. ic1, ic2 these pins cannot be used. leave open. 2.5 notes on using the reset and int pins in addition to the functions shown in 2. pin functions , the reset pin also has the function of setting a test mode (for ic testing) in which the internal operations of the m pd17p236 are tested. when a voltage higher than v dd is applied to either of these pins, the test mode is set. this means that, even during normal operation, the m pd17p236 may be set in the test mode if noise exceeding v dd is applied. for example, if the wiring length of the reset or int pin is too long, noise superimposed on the wiring line of the pin may cause the above problem. therefore, keep the wiring length of these pins as short as possible to suppress the noise; otherwise, take noise preventive measures as shown below by using external components. connect diode with low v f between v dd connect capacitor between v dd and reset/int pin and reset/int pin v dd v dd reset, int v dd v dd reset, int diode with low v f
m pd17p236 13 data sheet u14776ej1v0ds00 3. writing and verifying one-time prom (program memory) the program memory of the m pd17p236 is a one-time prom of 16,384 16 bits. to write or verify this one-time prom, the pins shown in table 3-1 are used. note that no address input pin is used. instead, the address is updated by using the clock input from the clk pin. table 3-1. pins used to write/verify program memory pin name function v pp supplies voltage when writing/verifying program memory. apply +12.5 v to this pin. v dd power supply. supply +6 v to this pin when writing/verifying program memory. clk inputs clock to update address when writing/verifying program memory. by inputting pulse four times to clk pin, address of program memory is updated. md 0 -md 3 input to select operation mode when writing/verifying program memory. d 0 -d 7 inputs/outputs 8-bit data when writing/verifying program memory. 3.1 operating mode when writing/verifying program memory the m pd17p236 is set in the program memory write/verify mode when +6 v is applied to the v dd pin and +12.5 v is applied to the v pp pin after the m pd17p236 has been in the reset status (v dd = 5 v, reset = 0 v) for a specific time. in this mode, the operating modes shown in table 3-2 can be set by setting the md 0 through md 3 pins. leave all the pins other than those shown in table 3-1 unconnected or connect them to gnd via pull-down resistor (470 w ). (see pin configuration (2) prom programming mode.) table 3-2. setting operation mode setting of operating mode operating mode v pp v dd md 0 md 1 md 2 md 3 +12.5 v +6 v h l h l program memory address 0 clear mode l h h h write mode l l h h verify mode h h h program inhibit mode : dont care (l or h)
m pd17p236 14 data sheet u14776ej1v0ds00 3.2 program memory writing procedure the program memory is written at high speed in the following procedure. (1) pull down the pins not used to gnd via resistor. keep the clk pin low. (2) supply 5 v to the v dd pin. keep the v pp pin low. (3) supply 5 v to the v pp pin after waiting for 10 m s. (4) set the program memory address 0 clear mode by using the mode setting pins. (5) supply +6 v to v dd and +12.5 v to v pp . (6) set the program inhibit mode. (7) write data to the program memory in the 1-ms write mode. (8) set the program inhibit mode. (9) set the verify mode. if the data have been written to the program memory, proceed to (10). if not, repeat steps (7) through (9). (10) additional writing of (number of times of writing in (7) through (9): x) 1 ms. (11) set the program inhibit mode. (12) input a pulse to the clk pin four times to update the program memory address (+1). (13) repeat steps (7) through (12) up to the last address. (14) set the 0 clear mode of the program memory address. (15) change the voltages on the v dd and v pp pins to 5 v. (16) turn off power. the following figure illustrates steps (2) through (12) above. write repeated x time verify additional write address increment md 3 md 2 md 1 md 0 d 0 -d 7 clk gnd v dd v dd v dd +1 gnd v dd v pp v pp reset data input data output data input hi-z hi-z hi-z hi-z
m pd17p236 15 data sheet u14776ej1v0ds00 3.3 program memory reading procedure (1) pull down the pins not used to gnd via resistor. keep the clk pin low. (2) supply 5 v to the v dd pin. keep the v pp pin low. (3) supply 5 v to the v pp pin after waiting for 10 m s. (4) set the program memory address 0 clear mode by using the mode setting pins. (5) supply +6 v to v dd and +12.5 v to v pp . (6) set the program inhibit mode. (7) set the verify mode. data of each address is output sequentially each time the clock pulse is input to the clk pin four times. (8) set the program inhibit mode. (9) set the program memory address 0 clear mode. (10) change the voltage on the v dd and v pp pins to 5 v. (11) turn off power. the following figure illustrates steps (2) through (9) above. hi-z hi-z "l" md 3 md 2 md 1 md 0 d 0 -d 7 clk gnd v dd v dd v pp v pp v dd gnd v dd +1 reset data output data output one cycle
m pd17p236 16 data sheet u14776ej1v0ds00 4. electrical specifications absolute maximum ratings (t a = 25 c) item symbol conditions ratings unit supply voltage v dd C0.3 to +7.0 v prom power supply v pp C0.3 to +13.5 v input voltage v i C0.3 to v dd + 0.3 v output voltage v o C0.3 to v dd + 0.3 v high-level output current note i oh rem pin peak value C36.0 ma rms value C24.0 ma 1 pin (p0e pin) peak value C7.5 ma rms value C5.0 ma total of p0e pins peak value C22.5 ma rms value C15.0 ma low-level output current note i ol 1 pin (p0b, p0c, p0d, peak value 7.5 ma p0e, p1a 0 , or rem pin) rms value 5.0 ma total of p0b, p0c, p0d, peak value 22.5 ma p1a 0 , rem pins rms value 15.0 ma total of p0e pins peak value 30.0 ma rms value 20.0 ma operating temperature t a C40 to +85 c storage temperature t stg C65 to +150 c power dissipation p d t a = 85 c 180 mw note the rms value should be calculated as follows: [rms value] = [peak value] ? duty caution product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter. that is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical damage, and therefore the product must be used under conditions that ensure that the absolute maximum ratings are not exceeded.
m pd17p236 17 data sheet u14776ej1v0ds00 recommended operating ranges (t a = C40 to +85 c, v dd = 2.2 to 3.6 v) item symbol conditions min. typ. max. unit supply voltage v dd1 f x = 1 mhz high-speed mode 2.2 3.6 v (instruction execution time: 16 m s) v dd2 f x = 4 mhz high-speed mode (instruction execution time: 4 m s) v dd3 f x = 8 mhz ordinary mode (instruction execution time: 4 m s) v dd4 high-speed mode 3.0 3.6 v (instruction execution time: 2 m s) oscillation frequency f x 1.0 4.0 8.0 mhz operating temperature t a C40 +25 +85 c low-voltage detector circuit note t cy 432 m s note reset if the status of v dd = 2.05 v (typ.) lasts for 1 ms or longer. program hang-up does not occur even if the voltage drops, until the reset function is effected. some oscillators stop oscillating before the reset function is effected. f x vs v dd supply voltage: v dd (v) 0.4 2 1 3 4 5 6 7 8 9 10 2 0 2.2 3 3.6 4 (normal mode) system clock: f x (mh z ) (mh z ) operation guaranteed area remark the region indicated by the broken line in the above figure is the guaranteed operating range in the high- speed mode.
m pd17p236 18 data sheet u14776ej1v0ds00 x in x out system clock oscillator characteristics (t a = C40 to +85 c, v dd = 2.2 to 3.6 v) resonator recommended item conditions min. typ. max. unit constants ceramic oscillation frequency 1.0 4.0 8.0 mhz resonator (f x ) note 1 oscillation after v dd reached min. 4 ms stabilization time note 2 in oscillation voltage range notes 1. the oscillation frequency only indicates the oscillator characteristics. 2. the oscillation stabilization time is necessary for oscillation to be stabilized, after v dd application or stop mode release. caution to use a system clock oscillator circuit, perform the wiring in the area enclosed by the dotted line in the above figure as follows, to avoid adverse wiring capacitance influences: ? keep wiring length as short as possible. ? do not cross a signal line with some other signal lines. do not route the wiring in the vicinity of lines through which a large current flows. ? always keep the oscillator capacitor ground at the same potential as gnd. do not ground the capacitor to a ground pattern, through which a large current flows. ? do not extract signals from the oscillator. external circuit example x in x out r1 c2 c1 remark for the resonator selection and oscillator constant, customers are requested to either evaluate the oscillation themselves or apply to the resonator manufacturer for evaluation.
m pd17p236 19 data sheet u14776ej1v0ds00 dc characteristics (t a = C40 to +85 c, v dd = 2.2 to 3.6 v) item symbol conditions min. typ. max. unit high-level input voltage v ihi1 p1a 0 (input), reset, int 0.8v dd v dd v v ih2 p0a, p0b, p0c, p0d 0.7v dd v dd v v ih3 p0e 0.8v dd v dd v low-level input voltage v il1 p1a 0 (input), reset, int 0 0.2v dd v v il2 p0a, p0b, p0c, p0d 0 0.3v dd v v il3 p0e 0 0.35v dd v high-level input leakage i lih p0a, p0b, p0c, p0d, p0e, v ih = v dd 3 m a current p1a 0 , reset, int low-level input leakage i lil1 int, p1a 0 v il = 0 v C3 m a current i lil2 p0e v il = 0 v C3 m a w/o pull-up resistor internal pull-up resistor r 1 p0e, reset (pulled up) 25 50 100 k w r 2 p0a, p0b, p0c, p0d 100 200 400 k w internal pull-down resistor r 3 reset (pulled down) 2.5 5 10 k w high-level output current i oh1 rem v oh = 1.0 v, C6 C13 C24 ma v dd = 3 v high-level output voltage v oh p0e, rem i oh = C0.5 ma v dd C0.3 v dd v low-level output voltage v ol1 p0b, p0c, p0d, p1a 0 (output), rem i ol = 0.5 ma 0 0.3 v v ol2 p0e i ol = 1.5 ma 0 0.3 v low-voltage detection v dt reset pin pulled down, v dt = v dd 2.05 2.2 v voltage data retention voltage v dddr reset = low level or stop mode 1.3 3.6 v supply current i dd1 operating mode v dd = 3 v 10% f x = 1 mhz 0.55 1.1 ma (high-speed) f x = 4 mhz 1.0 2.0 ma f x = 8 mhz 1.3 2.6 ma i dd2 operating mode v dd = 3 v 10% f x = 1 mhz 0.5 1.0 ma (low-speed) f x = 4 mhz 0.75 1.5 ma f x = 8 mhz 0.9 1.8 ma i dd3 halt mode v dd = 3 v 10% f x = 1 mhz 0.4 0.8 ma f x = 4 mhz 0.5 1.0 ma f x = 8 mhz 0.6 1.2 ma i dd4 stop mode v dd = 3 v 10% 2.0 20.0 m a built-in poc t a = 25 c 2.0 5.0 m a
m pd17p236 20 data sheet u14776ej1v0ds00 ac characteristics (t a = C40 to +85 c, v dd = 2.2 to 3.6 v) item symbol conditions min. typ. max. unit cpu clock cycle time note t cy1 3.8 33 m s (instruction execution time) t cy2 v dd = 3.0 to 3.6 v 1.9 33 m s int high/low level width t inth, t intl 20 m s reset low level lwidth t rsl 10 m s note the cpu clock cycle time (instruction execution time) is determined by the oscillation frequency of the resonator connected and sysck (rf: address 02h) of the register file. the figure on the right shows the cpu clock cycle time t cy vs. supply voltage v dd characteristics. t cy vs v dd supply voltage v dd (v) 2 1 3 4 5 6 7 8 9 10 33 40 2 01 3 4 cpu clock cycle time t cy ( s) 3.8 1.9 2.2 3.6 operation guaranteed area m
m pd17p236 21 data sheet u14776ej1v0ds00 dc programming characteristics (t a = 25 c, v dd = 6.0 0.25 v, v pp = 12.5 0.3 v) parameter symbol conditions min. typ. max. unit high-level input voltage v ih1 other than clk 0.7v dd v dd v v ih2 clk v dd C 0.5 v dd v low-level input voltage v il1 other than clk 0 0.3v dd v v il2 clk 0 0.4 v input leakage current i li v in = v il or v ih 10 m a high-level output voltage v oh i oh = C1 ma v dd C 1.0 v low-level output voltage v ol i ol = 1.6 ma 0.4 v v dd supply current i dd 30 ma v pp supply current i pp md 0 = v il , md 1 = v ih 30 ma cautions 1. keep v pp to within +13.5 v including overshoot. 2. apply v dd before v pp and turns it off after v pp . ac programming characteristics (t a = 25 c, v dd = 6.0 0.25 v, v pp = 12.5 0.3 v) parameter symbol conditions min. typ. max. unit address setup time note (vs. md 0 )t as 2 m s md 1 setup time (vs. md 0 )t m1s 2 m s data setup time (vs. md 0 )t ds 2 m s address hold time note (vs. md 0 - )t ah 2 m s data hold time (vs. md 0 - )t dh 2 m s md 0 -? data output float delay time t df 0 130 ns v pp setup time (vs. md 3 - )t vps 2 m s v dd setup time (vs. md 3 - )t vds 2 m s initial program pulse width t pw 0.95 1.0 1.05 ms additional program pulse width t opw 0.95 21.0 ms md 0 setup time (vs. md 1 - )t mos 2 m s md 0 ? data output delay time t dv md 0 = md 1 = v il 1 m s md 1 hold time (vs. md 0 - )t m1h t m1h +t m1r 3 50 m s2 m s md 1 recovery time (vs. md 0 )t m1r 2 m s program counter reset time t pcr 10 m s clk input high-, low-level width t xh , t xl 0.125 m s clk input frequency f x 4.19 mhz initial mode set time t i 2 m s md 3 setup time (vs. md 1 - )t m3s 2 m s md 3 hold time (vs. md 1 )t m3h 2 m s md 3 setup time (vs. md 0 )t m3sr when program memory is read 2 m s address note ? data output delay time t dad when program memory is read 2 m s address note ? data output hold time t had when program memory is read 0 130 ns md 3 hold time (vs. md 0 - )t m3hr when program memory is read 2 m s md 3 ? data output float delay time t dfr when program memory is read 2 m s reset setup time t res 10 m s note the internal address increment (+1) is performed on the fall of the 3rd clock, where 4 clocks compreise one cycle. the internal clock is not connected to a pin.
m pd17p236 22 data sheet u14776ej1v0ds00 program memory write timing v pp v pp v dd gnd v dd +1 v dd v dd gnd clk d 0 -d 7 md 0 md 1 md 2 md 3 t res t vps t vds t xh t xl t as t ah t dh t ds t opw t df t dv t mos t m1r t dh t ds t pw t i t m3h t m1h t m1s t pcr t m3s data input data output data input data input hi-z program memory read timing data output data output t m3sr t pcr t dv t i t xl t dad t had t vds t vps t xh t m3hr t dfr v pp v pp v dd gnd v dd +1 v dd v dd gnd clk d 0 -d 7 md 0 md 1 "l" md 2 md 3 t res
m pd17p236 23 data sheet u14776ej1v0ds00 5. package drawing 114 28 15 s s detail of lead end m c m n a b h k l p j i g d e f item b c i 28-pin plastic sop (9.53 mm (375)) a d e f g h j k l millimeters 1.27 (t.p.) 0.78 max. 7.2 0.2 17.9 0.17 0.1 0.1 0.42 2.6 0.2 10.3 0.3 2.50 + 0.08 - 0.07 1.6 0.2 0.17 + 0.08 - 0.07 0.8 0.2 0.12 m note each lead centerline is located within 0.12 mm of its true position (t.p.) at maximum material condition. p 3 + 7 - 3 n 0.15 p28gm-50-375b-5
m pd17p236 24 data sheet u14776ej1v0ds00 s s h j t i g d e f c b k p l u n item b c i l m n 30-pin plastic ssop (7.62 mm (300)) a k d e f g h j p 30 16 115 a detail of lead end m m t millimeters 0.65 (t.p.) 0.45 max. 0.13 0.5 6.1 0.2 0.10 9.85 0.15 0.17 0.03 0.1 0.05 0.24 1.3 0.1 8.1 0.2 1.2 + 0.08 - 0.07 1.0 0.2 3 + 5 - 3 0.25 0.6 0.15 u note each lead centerline is located within 0.13 mm of its true position (t.p.) at maximum material condition. s30mc-65-5a4-2
m pd17p236 25 data sheet u14776ej1v0ds00 6. recommended soldering conditions for the m pd17p236 soldering must be performed under the following conditions. for details of recommended conditions for surface mounting, refer to information document "semiconductor device mounting technology manual" (c10535e) . for other soldering methods, please consult with nec personnel. table 6-1. soldering conditions of surface mount type (1) m pd17p236m1gt: 28-pin plastic sop (9.35 mm (375)) m pd17p236m2gt: 28-pin plastic sop (9.35 mm (375)) m pd17p236m3gt: 28-pin plastic sop (9.35 mm (375)) m pd17p236m4gt: 28-pin plastic sop (9.35 mm (375)) soldering method soldering conditions symbol infrared reflow package peak temperature: 235 c, time: 30 seconds max. (210 c min.), ir35-107-2 number of times: 2 max. number of days: 7 note (after that, prebaking is necessary at 125 c for 10 hours) non-heat-resistant trays, such as magazine and taping trays, cannot be baked before unpacking. vps package peak temperature: 215 c, time: 40 seconds max. (200 c min.), vp15-107-2 number of days: 7 note (after that, prebaking is necessary at 125 c for 10 hours) non-heat-resistant trays, such as magazine and taping trays, cannot be baked before unpacking. wave soldering solder bath temperature: 260 c max, time: 10 seconds max., number of times: ws60-107-1 once, preheating temperature: 120 c max. (package surface temperature) number of days: 7 note (after that, prebaking is necessary at 125 c for 10 hours) partial heating pin temperature: 300 c max., time: 3 seconds max. (per side of device) note after opening the dry pack, store it at 25 c or less and 6.5 % rh or less for the allowable storage period. caution do not use different soldering methods together (except for partial heating).
m pd17p236 26 data sheet u14776ej1v0ds00 (2) m pd17p236m1mc-5a4: 30-pin plastic ssop (7.62 mm (300)) m pd17p236m2mc-5a4: 30-pin plastic ssop (7.62 mm (300)) m pd17p236m3mc-5a4: 30-pin plastic ssop (7.62 mm (300)) m pd17p236m4mc-5a4: 30-pin plastic ssop (7.62 mm (300)) soldering method soldering conditions symbol intrared reflow package peak temperature: 235 c, time: 30 seconds max. (210 c min.), ir35-103-2 number of times: 2 max. number of days: 3 note (after that, prebaking is necessary at 125 c for 10 hours) non-heat-resistant trays, such as magazine and taping trays, cannot be baked before unpacking. vps package peak temperature: 215 c, time: 40 seconds max. (200 c min.), vp15-103-2 number of times: 2 max. number of days: 3 note (after that, prebaking is necessary at 125 c for 10 hours) non-heat-resistant trays, such as magazine and taping trays, cannot be baked before unpacking. wave soldering solder bath temperature: 260 c max, time: 10 seconds max., number of times: ws60-103-1 once, preheating temperature: 120 c max. (package surface temperature) number of days: 3 note (after that, prebaking is necessary at 125 c for 10 hours) partial heating pin temperature: 300 c max., time: 3 seconds max. (per side of device) note after opening the dry pack, store it at 25 c or less and 6.5 % rh or less for the allowable storage period. caution do not use different soldering methods together (except for partial heating).
m pd17p236 27 data sheet u14776ej1v0ds00 in-circuit emulator ie-17k, ie-17k-et note 1 appendix. development tools to develop the programs for the m pd17p236 subseries, the following development tools are available: hardware name remarks ie-17k and ie-17k-et are the in-circuit emulators used in common with the 17k series microcontroller. ie-17k and ie-17k-et are connected to a pc-9800 series or ibm pc/at tm compatible machines as the host machine with rs-232c. by using these in-circuit emulators with a system evaluation board corresponding to the microcomputer, the emulators can emulate the microcomputer. a higher level debugging environment can be provided by using man-machine interface simplehost tm . se board this is an se board for m pd17236 subseries. it can be used alone to evaluate a system (se-17235) or in combination with an in-circuit emulator for debugging. emulation probe ep-17k28gt is an emulation probe for 17k series 28-pin sop (gm-375b). when used with (ep-17k28gt) ev9500gt-28 note 2 , it connects an se board to the target system. emulation probe ep-17k30gs is an emulation probe for 17k series 30-pin ssop (mc-5a4). when used (ep-17k30gs) with ev-9500gt-30 note 3 , it connects an se board to the target system. conversion adapter the ev-9500gt-28 is a conversion adapter for the 28-pin sop (gm-375b). it is used to connect (ev-9500gt-28 note 2 ) the ep-17k28gt and target system. conversion adapter the ev-9500gt-30 is a conversion adapter for the 30-pin ssop (mc-5a4). it is used to (ev-9500gt-30 note 3 ) connect the ep-17k30gs and target system. prom programmer af-9706, af-9708, and af-9709 are prom programmers corresponding to m pd17p236. (af-9706 note 4 , af-9708 note 4 , by connecting program adapter pa-17p236 to this prom programmer, m pd17p236 can be af-9709 note 4 ) programmed. program adapter pa-17p236 are adapters that is used to program m pd17p236, and is used in combination (pa-17p236) with af-9706, af-9708, or af-9709. notes 1. low-cost model: external power supply type 2. two ev-9500gt-28 are supplied with the ep-17k28gt. five ev-9500gt-28 are optionally available as a set. 3. two ev-9500gt-30 are supplied with the ep-17k30gs. five ev-9500gt-30 are optionally available as a set. 4. these are products from ando electric co., ltd. for details, consult ando electric co., ltd. (tel: 03- 3733-1166).
m pd17p236 28 data sheet u14776ej1v0ds00 software name outline host machine os supply order code 17k assembler pc-9800 japanese windows tm 3.5" 2hd m saa13ra17k (ra17k) series ibm pc/at japanese windows 3.5" 2hc m sab13ra17k compatible machine english windows m sbb13ra17k device file pc-9800 japanese windows 3.5" 2hd m saa13as17235 (as17235) series ibm pc/at japanese windows 3.5" 2hc m sab13as17235 compatible machine english windows m sbb13as17235 support pc-9800 japanese windows 3.5" 2hd m saa13id17k software series ( simplehost ) ibm pc/at japanese windows 3.5" 2hc m sab13id17k compatible machine english windows m sbb13id17k the ra17k is an assembler common to the 17k series products. when developing the program of devices, ra17k is used in combination with a device file (as17235). the as17235 is a device file for m pd17230, 17231, 17232, 17233, 17234, 17235, and 17236 and is used in combination with an assembler for the 17k series (ra17k). simplehost is a software package that enables man-machine interface on the windows when a program is developed by using an in-circuit emulator and a personal computer.
m pd17p236 29 data sheet u14776ej1v0ds00 notes for cmos devices 1 precaution against esd for semiconductors note: strong electric field, when exposed to a mos device, can cause destruction of the gate oxide and ultimately degrade the device operation. steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. environmental control must be adequate. when it is dry, humidifier should be used. it is recommended to avoid using insulators that easily build static electricity. semiconductor devices must be stored and transported in an anti-static container, static shielding bag or conductive material. all test and measurement tools including work bench and floor should be grounded. the operator should be grounded using wrist strap. semiconductor devices must not be touched with bare hands. similar precautions need to be taken for pw boards with semiconductor devices on it. 2 handling of unused input pins for cmos note: no connection for cmos device inputs can be cause of malfunction. if no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. cmos devices behave differently than bipolar or nmos devices. input levels of cmos devices must be fixed high or low by using a pull-up or pull-down circuitry. each unused pin should be connected to v dd or gnd with a resistor, if it is considered to have a possibility of being an output pin. all handling related to the unused pins must be judged device by device and related specifications governing the devices. 3 status before initialization of mos devices note: power-on does not necessarily define initial status of mos device. production process of mos does not define the initial operation status of the device. immediately after the power source is turned on, the devices with reset function have not yet been initialized. hence, power-on does not guarantee out-pin levels, i/o settings or contents of registers. device is not initialized until the reset signal is received. reset operation must be executed immediately after power-on for devices having reset function.
m pd17p236 30 data sheet u14776ej1v0ds00 nec electronics inc. (u.s.) santa clara, california tel: 408-588-6000 800-366-9782 fax: 408-588-6130 800-729-9288 nec electronics (germany) gmbh duesseldorf, germany tel: 0211-65 03 02 fax: 0211-65 03 490 nec electronics (uk) ltd. milton keynes, uk tel: 01908-691-133 fax: 01908-670-290 nec electronics italiana s.r.l. milano, italy tel: 02-66 75 41 fax: 02-66 75 42 99 nec electronics hong kong ltd. hong kong tel: 2886-9318 fax: 2886-9022/9044 nec electronics hong kong ltd. seoul branch seoul, korea tel: 02-528-0303 fax: 02-528-4411 nec electronics singapore pte. ltd. united square, singapore 1130 tel: 65-253-8311 fax: 65-250-3583 nec electronics taiwan ltd. taipei, taiwan tel: 02-2719-2377 fax: 02-2719-5951 nec do brasil s.a. electron devices division rodovia presidente dutra, km 214 07210-902-guarulhos-sp brasil tel: 55-11-6465-6810 fax: 55-11-6465-6829 nec electronics (germany) gmbh benelux office eindhoven, the netherlands tel: 040-2445845 fax: 040-2444580 nec electronics (france) s.a. velizy-villacoublay, france tel: 01-30-67 58 00 fax: 01-30-67 58 99 nec electronics (france) s.a. spain office madrid, spain tel: 91-504-2787 fax: 91-504-2860 nec electronics (germany) gmbh scandinavia office taeby, sweden tel: 08-63 80 820 fax: 08-63 80 388 regional information some information contained in this document may vary from country to country. before using any nec product in your application, please contact the nec office in your country to obtain a list of authorized representatives and distributors. they will verify: ? device availability ? ordering information ? product release schedule ? availability of related technical literature ? development environment specifications (for example, specifications for third-party tools and components, host computers, power plugs, ac supply voltages, and so forth) ? network requirements in addition, trademarks, registered trademarks, export restrictions, and other legal issues may also vary from country to country. j99.1
m pd17p236 31 data sheet u14776ej1v0ds00 simplehost is a trademark of nec corporation. windows is either a registered trademark or a trademark of microsoft corporation in the united states and/or other countries. pc/at is a trademark of ibm corporation. the export of this product from japan is regulated by the japanese government. to export this product may be prohibited without governmental license, the need for which must be judged by the customer. the export or re-export of this product from a country other than japan may also be prohibited without a license from that country. please call an nec sales representative.
m pd17p236 m8e 00. 4 the information in this document is current as of june, 2000. the information is subject to change without notice. for actual design-in, refer to the latest publications of nec's data sheets or data books, etc., for the most up-to-date specifications of nec semiconductor products. not all products and/or types are available in every country. please check with an nec sales representative for availability and additional information. no part of this document may be copied or reproduced in any form or by any means without prior written consent of nec. nec assumes no responsibility for any errors that may appear in this document. nec does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of nec semiconductor products listed in this document or any other liability arising from the use of such products. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec or others. descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. the incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. nec assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. while nec endeavours to enhance the quality, reliability and safety of nec semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. to minimize risks of damage to property or injury (including death) to persons arising from defects in nec semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. nec semiconductor products are classified into the following three quality grades: "standard", "special" and "specific". the "specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. the recommended applications of a semiconductor product depend on its quality grade, as indicated below. customers must check the quality grade of each semiconductor product before using it in a particular application. "standard": computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "special": transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "specific": aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. the quality grade of nec semiconductor products is "standard" unless otherwise expressly specified in nec's data sheets or data books, etc. if customers wish to use nec semiconductor products in applications not intended by nec, they must contact an nec sales representative in advance to determine nec's willingness to support a given application. (note) (1) "nec" as used in this statement means nec corporation and also includes its majority-owned subsidiaries. (2) "nec semiconductor products" means any semiconductor product developed or manufactured by or for nec (as defined above).


▲Up To Search▲   

 
Price & Availability of UPD17P236M4GT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X